Part Number Hot Search : 
1A71B UM610 XO5036 C51440 MQ2218 05012 1N472 45FCT
Product Description
Full Text Search
 

To Download EPC1189G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ethernet DC/DC Converter
ELECTRONICS INC.
EPC1189G
* Designed for Low Common Mode Noise * * Unregulated Output * * 75% Efficiency at Full Load @ Nominial Input Voltage * * Input Filter to Reduce Input Ripple Current * * Input/Output Isolation : 500 Vrms *
Electrical Specifications
Parameters Input Voltage Output Voltage Output Current Output Ripple & Noise @ 20 MHz BW Min. --3.16 ----Typ. 5 3.3 ----Max. --3.5 200 100 Units Volts Volts mA mV p-p
Pin Connections
V in+ 24 V o- V o+ 15 14 V in13
1 V in+
10
11
12 V in-
V o- V o+
Package EG
White Dot Pin 1
.100
PCA EPC1189G Date Code +12V -9V
.585 Max.
.720
.055
.200 1.30 Max. .35 Max 1.100 .020 Typ. .100 Typ. .010 Typ.
.030
.050
.600 .700 Typ.
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSC1189G Rev. 1 2/26/02
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC1189G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X